Part Number Hot Search : 
CM358 LM79124Z 77103 SMC256BF CXA1008 N111253 IPD60 74HC138
Product Description
Full Text Search
 

To Download 80200516XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non resettable fuses
SPT 3.6x0
www.schurter.com/pg0_2
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
IEC 60127-3 * 250 VAC * Time-Lag T
Description Standards
-CeramicTube -IECStandardMiniatureFuse -IEC60127-3/4 -UL248-14 -CSAC22.2no.248.14
Applications References Weblinks
-DigitalConsumerElectronics -PowerSupplies GeneralProductInformation PackagingDetails Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check, Accessories,ProductChangeNotification(PCN)
Approvals
-VDELicenseNumber:40015228 -ULFileNumber:E184831
Technical Data
RatedVoltage RatedCurrent BreakingCapacity Characteristic Mounting AdmissibleAmbientAirTemp. Material:Tube Material:Endcaps Material:AxialLeads UnitWeight StorageConditions ProductMarking 250VAC 0.1-5A 35A-40A Time-LagT PCB,THT -20Cto70C Ceramic Nickel-PlatedBrass Tin-PlatedCopper 0.6g 0Cto60C,max.70%r.h. ,Current,Voltage,Characteristic, Approvals 11mm SolderingMethods Solderability ResistancetoSolderingHeat Wave,Iron 235C/2secacc.toIEC60068-2-20, TestTa,method1 260C/10secacc.toIEC60068-2-20, TestTb,method1A
Dimensions
o 0.65
max. max. 40 max.11.0 40
Pre-Arcing Time
Rated Current In 0.1A-5A 2. x In max. 120s 2.75 x In min. 400ms 2.75 x In max. 10s 4.0 x In min. 4.0 x In max. 150ms 3s 0.0 x In min. 20ms 0.0 x In max. 150ms
o 3.9
Fuses
SPT 3.6x0
www.schurter.com/pg0_2 Variants
Rated Current [A] Rated Voltage [VAC] Breaking Capacity Voltage Drop .0 In max. [mV] 350 300 260 240 220 200 190 180 160 140 130 120 100 100 100 100 100 Voltage Drop .0 In typ. [mV] 300 255 200 160 150 110 140 120 80 120 70 90 80 75 80 70 70 Power Dissipation .5 In max. [mW] 170 180 200 220 250 280 310 360 430 500 600 730 870 1000 1200 1400 Melting It 0.0 Intyp. [As] 0.08 0.15 0.4 0.2 0.75 0.45 2.6 5 7.5 11 5 17.5 32 66 131 120 250 l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l l Order Number
Non resettable fuses
0.1 0.125 0.2 0.25 0.315 0.4 0.5 0.63 0.8 1 1.25 1.6 2 2.5 3.15 4 5 1)35A@250VAC 2)40A@250VAC
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 2) 2)
8020.0504.xx 8020.0505.xx 8020.0507.xx 8020.0508.xx 8020.0509.xx 8020.0510.xx 8020.0511.xx 8020.0512.xx 8020.0513.xx 8020.0514.xx 8020.0515.xx 8020.0516.xx 8020.0517.xx 8020.0518.xx 8020.0519.xx 8020.0520.xx 8020.0521.xx
Packaging Unit
.xx=.PTBulk(1000pcs.)
Time-Current-Curves
100000
10000
1000
100
TimeinSeconds
10
1
0.1
0.01
0.001 1 10
MultipleofRatedCurrentIn
2
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 80200516XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X